Part Number Hot Search : 
5A222G B11NM60 0DJCA AH9281 TE4936 DSPIC33 F60B150 AD8212
Product Description
Full Text Search
 

To Download BAS21H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS21H
Single high-voltage switching diode in small SOD123F package
Rev. 01 -- 11 April 2005 Product data sheet
1. Product profile
1.1 General description
Single high-voltage switching diode, encapsulated in a SOD123F small and flat lead SMD plastic package.
1.2 Features
s Small and flat lead SMD plastic package s Continuous reverse voltage: 200 V
1.3 Applications
s General-purpose switching
1.4 Quick reference data
Table 1: Symbol IF VR trr
[1]
Quick reference data Parameter forward current reverse voltage reverse recovery time
[1]
Conditions
Min -
Typ -
Max 200 200 50
Unit mA V ns
When switched from IF = 30 mA to IR = 30 mA; RL = 100 ; measured at IR = 3 mA
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
2. Pinning information
Table 2: Pin 1 2 Pinning Description cathode anode
[1]
Simplified outline
Symbol
1 2
sym001
1
2
[1]
The marking bar indicates the cathode.
3. Ordering information
Table 3: Ordering information Package Name BAS21H Description plastic surface mounted package; 2 leads Version SOD123F Type number
4. Marking
Table 4: BAS21H Marking codes Marking code B2 Type number
5. Limiting values
Table 5: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Per diode VRRM VR IF IFRM IFSM repetitive peak reverse voltage reverse voltage forward current repetitive peak forward current non-repetitive peak forward current tp = 1 s tp = 1 ms tp = 1 s Ptot Tj Tamb Tstg
[1]
Parameter
Conditions
Min [1]
Max 250 200 200 625 9 3 1.7 375 150 +150 +150
Unit V V mA mA A A A mW C C C
total power dissipation junction temperature ambient temperature storage temperature
Tamb 25 C
-65 -65
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
9397 750 14879
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2005
2 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
6. Thermal characteristics
Table 6: Symbol Rth(j-a) Rth(j-sp)
[1] [2]
Thermal characteristics Parameter thermal resistance from junction to ambient thermal resistance from junction to solder point Conditions in free air
[1] [2]
Min -
Typ -
Max 330 70
Unit K/W K/W
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. Reflow soldering is the only recommended soldering method.
7. Characteristics
Table 7: Characteristics Tamb = 25 C unless otherwise specified. Symbol Per diode VF IR Cd trr
[1] [2]
Parameter forward voltage reverse current diode capacitance reverse recovery time
Conditions IF = 100 mA IF = 200 mA VR = 200 V VR = 200 V; Tj = 150 C VR = 0 V; f = 1 MHz
[2] [1] [1]
Min -
Typ -
Max 1 1.25 100 100 5 50
Unit mV mV nA A pF ns
Pulse test: tp 300 s; 0.02. When switched from IF = 30 mA to IR = 30 mA; RL = 100 ; measured at IR = 3 mA
9397 750 14879
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2005
3 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
600 IF (mA)
(1) (2)
mbg384
102 IFSM (A)
mbg703
(3)
400
10
200
1
0
10-1 0 1 VF (V) 2 1 10
102
103 tp (s)
104
(1) Tamb = 150 C; typical values (2) Tamb = 25 C; typical values (3) Tamb = 25 C; maximum values
Based on square wave currents (1) Tj = 25 C; prior to surge
Fig 1. Forward current as a function of forward voltage
102 IR (mA) 10
mbg381
Fig 2. Non-repetitive peak forward current as a function of pulse duration
mbg447
1.0 Cd (pF) 0.8
1
(1)
(2)
0.6
10-1
0.4
10-2
0
100
Tj (C)
200
0.2
0
2
4
6
VR (V)
8
(1) VR = VRmax; maximum values (2) VR = VRmax; typical values
Tamb = 25 C; f = 1 MHz
Fig 3. Reverse current as a function of junction temperature
Fig 4. Diode capacitance as a function of reverse voltage; typical values
9397 750 14879
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2005
4 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
8. Test information
tr D.U.T. RS = 50 V = VR + IF x RS IF SAMPLING OSCILLOSCOPE Ri = 50 VR
mga881
tp t
10 % + IF trr t
90 % input signal output signal
(1)
(1) IR = 3 mA
Fig 5. Reverse recovery time test circuit and waveforms
9397 750 14879
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2005
5 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
9. Package outline
1.7 1.5 1 0.55 0.35 3.6 3.4 2.7 2.5 1.2 1.0
2 0.70 0.55 Dimensions in mm 0.25 0.10 04-11-29
Fig 6. Package outline SOD123F
10. Packing information
Table 8: Packing methods The indicated -xxx are the last three digits of the 12NC ordering code. [1] Type number Package BAS21H
[1]
Description 4 mm pitch, 8 mm tape and reel
Packing quantity 3000 10000 -135 -115
SOD123F
For further information and the availability of packing methods, see Section 16.
11. Soldering
4.4 4 2.9 1.6 solder lands solder resist 2.1 1.6 1.1 1.2 solder paste occupied area 1.1 (2x)
Reflow soldering is the only recommended soldering method. Dimensions in mm
Fig 7. Reflow soldering footprint SOD123F
9397 750 14879
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2005
6 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
12. Revision history
Table 9: BAS21H_1 Revision history Release date 20050411 Data sheet status Product data sheet Change notice Doc. number 9397 750 14879 Supersedes Document ID
9397 750 14879
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2005
7 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
13. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
14. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
15. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
16. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14879
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2005
8 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
17. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . General description. . . . . . . . . . . . . . . . . . . . . . Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . Quick reference data. . . . . . . . . . . . . . . . . . . . . Pinning information . . . . . . . . . . . . . . . . . . . . . . Ordering information . . . . . . . . . . . . . . . . . . . . . Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . Thermal characteristics. . . . . . . . . . . . . . . . . . . Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Test information . . . . . . . . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . . Packing information. . . . . . . . . . . . . . . . . . . . . . Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 2 2 2 2 3 3 5 6 6 6 7 8 8 8 8
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 11 April 2005 Document number: 9397 750 14879
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of BAS21H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X